Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 17 of 45
Figure 46. LT83201 Case Temperature Rise
Figure 47. LT83201 Radiated EMI Performance (CISPR32
Radiated Emission Test with Class B Limits)
DEMO BOARD, ON STILL AIR
VOUT = 3.3V
fSW = 2MHz
ILOAD = 0.5A
ILOAD = 1A
INPUT VOLTAGE (V)
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
CLASS B LIMIT
STANDARD DEMO BOARD
WITH EMI FILTER
12V INPUT TO 3.3V OUTPUT AT 1A,
fSW = 2MHz
HORIZONTAL OPERATING
VERTICAL OPERATING
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900 1000
–10
0
10
20
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com