Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 27 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 27 Page - Analog Devices

Back Button LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 27 of 45
Overcurrent Protection (OCP) and Hiccup Mode
The LT83201 protects against overload and output short-circuit conditions by cycle-by-cycle current limiting both
the current through the top and bottom switches.
Current is sensed in the top switch when it is on. The top switch is immediately turned off when the top switch current
limit (IPEAK-LIMIT) is detected, and the bottom switch is turned on. Current is also sensed in the bottom switch when it
is on, and the top switch is not allowed to turn back on unless the current through the bottom switch has dropped
below the bottom switch current limit (IVALLEY-LIMIT). This effectively stretches the switching period and lowers the
frequency for as long as the protection is required, as the top switch will not be allowed to turn on at the oscillator
clock edge until the bottom switch current drops below IVALLEY-LIMIT. This limits the average current during an output
short-circuit condition to the RMS average of IPEAK-LIMIT and IVALLEY-LIMIT.
The LT83201 recognizes an overcurrent condition when either IPEAK-LIMIT or IVALLEY-LIMIT is triggered, and the VC voltage
rails at its maximum value of VC_CLAMP. Once an overcurrent condition is detected, an internal timer is started. If the
overcurrent condition persists for longer than approximately 1.7ms (tHICC) , then the part enters hiccup mode and
suspends switching for ~12ms (7*tHICC) before soft start is attempted again. Hiccup mode ensures low average power
dissipation under output short-circuit conditions both within the device and the inductor. During this period of
suspended switching in hiccup mode, the VC pin, PG pin, and SET pin are pulled low internally to ensure the part soft-
starts correctly when it next attempts to switch again.
Input Capacitors
The VIN of the LT83201 should be bypassed with at least three ceramic capacitors for the best performance. Two small
ceramic capacitors can be placed close to the part (COPT1, COPT2). These capacitors should be 0402 in size.
Note that a larger input capacitance is required when a lower switching frequency is used. If the input power source
has a high impedance or there is significant inductance due to long wires or cables, additional bulk capacitance may
be necessary. This can be provided with a low-performance electrolytic capacitor.
A ceramic input capacitor combined with trace or cable inductance forms a high quality (underdamped) tank circuit.
If the LT83201 is plugged into a live supply, the input voltage can ring to twice its nominal value, possibly exceeding
the LT83201’s voltage rating. This situation is easily avoided; for more information, refer to the Application Note 88:
Ceramic Input Capacitors Can Cause Overvoltage Transients.
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along with the inductor, it filters the square wave generated by the
LT83201 to produce the DC output. In this role, it determines the output ripple; thus, a low impedance at the
switching frequency is important. The second function is to store energy to satisfy transient loads and stabilize
LT83201’s control loop. Ceramic capacitors have very low ESR and provide the best ripple performance. For good
starting values, see the Typical Applications section.
Use X5R or X7R types. This choice provides a low output ripple and good transient response. Transient performance
can be improved with a higher-value output capacitor. Increasing output capacitance also decreases the output
voltage ripple. A lower value of the output capacitor is used to save space and cost, but transient performance
suffers, resulting in loop instability. For the suggested capacitor values, see the Typical Applications section.
When choosing a capacitor, special attention should be given to the data sheet to calculate the effective capacitance
under the relevant operating conditions of voltage bias and temperature. A physically larger capacitor or one with a
higher voltage rating may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com