Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 44 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 44 Page - Analog Devices

Back Button LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices LT3045 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 44 of 45
LTC7150S
20V, 20A Synchronous Step-Down Silent
Switcher 2 Regulator
92% Efficiency, VIN = 3.1V to 20V, VOUT(MIN) = 0.6V,
IQ = 2mA, ISD ≤ 40µA, Differential Remote Sense,
6mm × 5mm BGA
LT3042
20V, 200mA, Ultra-Low Noise Ultra-High
PSRR Linear Regulator
0.8µVRMS Noise and 79dB PSRR at 1MHz, VIN = 1.8V to
20V, 350mV Dropout Voltage, Programmable
Current Limit and Power Good, 3mm × 3mm DFN
and MSOP Packages
LT3045
20V, 500mA, Ultra-Low Noise Ultra-High
PSRR Linear Regulator
0.8µVRMS Noise and 75dB PSRR at 1MHz, VIN = 1.8V to
20V, 260mV Dropout Voltage, 3mm × 3mm DFN and
MSOP Packages
LT8652S
18V, Dual 8.5A, 94% Efficiency, 2.2MHz
Synchronous Silent Switcher 2 Step-Down
DC/DC Converter with IQ = 16µA
VIN = 3V to 18V, VOUT(MIN) = 0.6V, IQ = 16µA, ISD = 6µA,
4mm × 7mm LQFN-36 Package
LTC3636
20V, Dual 6A Synchronous Step-Down
Regulator
95% Efficiency, VIN = 3.1V to 17V, VOUT(MIN) = 0.6V,
IQ < 8µA (Both Channels Enabled), ISD < 1µA, 3mm ×
5mm QFN-24 Package
LT8640S/
LT8643S
42V, 6A Synchronous Step-Down Silent
Switcher 2 with IQ = 2.5µA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V,
IQ = 2.5μA, ISD < 1μA, 4mm × 4mm LQFN-24
LT8645S/
LT8646S
65V, 8A, Synchronous Step-Down Silent
Switcher 2 with IQ = 2.5μA
VIN(MIN) = 3.4V, VIN(MAX) = 65V, VOUT(MIN) = 0.97V,
IQ = 2.5µA, ISD < 1µA, 6mm × 4mm LQFN-32
LT8609/
LT8609A
42V, 2A, 94% Efficiency, 2.2MHz
Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA,
ISD < 1µA, MSOP-10E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com