Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 25 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 25 of 45
disadvantages are lower efficiency and a smaller input voltage range. The highest switching frequency (fSW(MAX)) for a
given application can be calculated by Equation 2.
fSW(MAX) =
VOUT + VSW(BOT)
tON(MIN) (VIN − VSW(TOP) + VSW(BOT))
(2)
where VIN is the typical input voltage, VOUT is the output voltage, VSW(TOP) and VSW(BOT) are the internal switch drops
(~0.15V and ~0.15V, respectively, at maximum load), and tON(MIN) is the minimum top switch on-time (see the Electrical
Characteristics table). This equation shows that a slower switching frequency is necessary to accommodate a high
VIN/VOUT ratio.
For transient operation, VIN may go as high as the maximum operating voltage of 18V regardless of the RT value;
however, LT83201 reduces switching frequency as necessary to maintain control of the inductor current to assure
safe operation.
In DCM, the LT83201 is capable of a maximum duty cycle of approximately 99%, and the VIN-to-VOUT dropout is limited
by the RDS(ON) of the top switch, provided there is sufficient headroom (~0.7V) between VIN and SET for circuitry to
function correctly. In this mode, the LT83201 skips switch cycles, resulting in a lower switching frequency than
programmed by RT. The LT83201 switches as frequently as necessary to keep the boost capacitor refreshed, with a
minimum switching frequency of approximately 80kHz. Note that higher switching frequencies increase the
minimum input voltage below which cycles are dropped to achieve a higher duty cycle.
In FCM, the LT83201 does not skip cycles, and so the maximum duty cycle is limited by the minimum off-time and
chosen switching frequency. For applications that cannot allow deviation from the programmed switching frequency
at low VIN/VOUT ratios and thus must operate in FCM, use Equation 3 to set the switching frequency.
VIN(MIN) =
VOUT + VSW(BOT)
1 − fSW × tOFF(MIN)
− VSW(BOT) + VSW(TOP)
(3)
where VIN(MIN) is the minimum input voltage without skipped cycles, VOUT is the output voltage, VSW(TOP) and VSW(BOT) are
the internal switch drops (~0.15V and ~0.15V, respectively, at maximum load), fSW is the switching frequency (set by
RT), and tOFF(MIN) is the minimum switch off-time.
Inductor Selection and Maximum Output Current
The LT83201 is designed to minimize solution size by allowing the inductor to be chosen based on the output load
requirements of the application. During overload or short-circuit conditions, the LT83201 safely tolerates operation
with a saturated inductor through the use of a high-speed peak-current mode architecture.
A good starting point for the inductor value is given by Equation 4.
L = (
VOUT + VSW(BOT)
fSW
) × 0.3
(4)
where fSW is the switching frequency in MHz, VOUT is the output voltage, VSW(BOT) is the bottom switch drop (~0.15V),
and L is the inductor value in μH.
To avoid overheating and poor efficiency, choose an inductor with an RMS current rating that is greater than the
maximum expected output load of the application.
In addition, the saturation current rating (typically labeled ISAT) of the inductor must be higher than the load current
plus ½ of the inductor ripple current. See Equation 5.
IL(PEAK) = ILOAD(MAX) +
1
2
∆IL
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com