Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 28 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 28 Page - Analog Devices

Back Button LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 28 of 45
The LT83201 typically operates at a switching frequency of 2MHz. Table 5 shows some examples of output capacitors
with ideal frequency characteristics when operating at switching frequencies around 2MHz. Figure 53 shows the
frequency characteristics of these capacitors. It can be seen that a combination of these capacitors minimizes the
impedance at the switching frequency on the output and keeps the impedance low enough to suppress any higher-
frequency harmonics near the switching frequency, thus achieving the lowest output ripple.
Table 5. Examples of Output Capacitors with Desirable Frequency Characteristics for 2MHz Operation
PART DESCRIPTION
MANUFACTURER/PART NUMBER
22µF, X7R, 10V, 20% 1206
MURATA, GRM31CR71A226ME15K
10µF, X7R, 25V, 10% 1206
MURATA, GRM31CR71E106KA12
4.7µF, X7S, 16V, 10% 0603
MURATA, GRM188C71C475KE21
Figure 53. Frequency Characteristics of Example Output Capacitors for 2MHz Operation
Output Voltage
The LT83201 incorporates a precision 100μA current source flowing out of the SET pin, which also connects to the
error amplifier’s non-inverting input. Figure 54 shows that connecting a resistor from SET to GND generates a
reference voltage for the error amplifier. This reference voltage is simply the product of the SET pin current and the
SET pin resistor. The error amplifier’s unity-gain configuration produces a low-impedance version of this voltage on
its inverting input, the OUTS pin, which is externally connected to the output voltage of the circuit.
Figure 54. Adjustable Reference for Error Amplifier
GRM31CR71A226ME15K (22µF)
GRM31CR71E106KA12 (10µF)
GRM188C71C475KE21 (4.7µF)
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
0.001
0.01
0.1
1
10
100
1k
10k
4.7µF
COUT
L
RSET
CSET
RC
CC
SET
OUTS
VC
GND
DRIVERS
SW
100µA
VIN
VIN
VOUT
LT83201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com