Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 30 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 30 of 45
Output Voltages Above 13V
The LT83201 can be configured for output voltages above 13V, even though the SET pin voltage is limited to a
maximum of 13V, by using a traditional resistor divider from VOUT to OUTS, as shown in Figure 55. It is recommended
to configure the SET pin voltage to be 12V, in which case the resistor values can be chosen according to Equation 9.
R1 = R2 ∙ (
VOUT − 12V
12V + R2 × IOUTS
)
(9)
The OUTS pin current is 160nA ±80nA per the Electrical Characteristics table. The divider values R1 and R2 can be
chosen such that this OUTS pin current variation introduces <0.1% error in output voltage regulation. The thermal
noise of the resistors in the resistor divider also adds to the output noise. It is recommended to choose the resistor
values such that their impedance as viewed from the SET pin (R1||R2) is less than 5kΩ to keep their noise contribution
low compared to the noise contribution of the part itself.
Figure 55. Configuring the LT83201 for Output Voltages above 13V
At output voltages above 13V, the low frequency noise has some dependence on the output voltage, the divider gains
up the noise. By configuring the SET voltage to be 12V, this dependency is minimized, for example, the noise gain
from a 12V reference to 15VOUT is 24 times lower than the gain from a conventional 0.5V voltage reference to 15VOUT.
Output Voltages Below 0.5V
Due to the current reference architecture, the LT83201 can be configured for output voltages below 0.5V all the way
down to 0V. It should be noted that for output voltages below 0.5V, the Power Good and Fast Start-Up functionalities
are not available, and these functionalities must be disabled correctly by tying PGFB to INTVCC or to 0.5V.
Output Sensing and Stability
The LT83201’s OUTS pin provides a Kelvin sense connection to the output. The SET pin resistor’s GND side provides
a Kelvin sense connection to the load’s GND side.
The LT83201’s internal error amplifier has a relatively high voltage gain of ~2800. Therefore, it is important to avoid
adding extra impedance (ESR and ESL) to the feedback loop and to minimize the noise coupling onto the OUTS pin,
as a combination of excessive parasitics and noise injection can cause instability in the system. To that end, minimize
the effects of PCB trace and solder inductance by tying the OUTS pin directly to COUT and the GND side of CSET directly
to the GND side of COUT. If this is not possible, for example, due to a design requiring remote sensing, a small local
OUTS capacitor of 150pF or less may be added for noise decoupling at the OUTS pin. For more information on the
recommended layout that meets these requirements, refer to the LT83201 demo board manual.
The LT83201 is an externally compensated part, so even if the recommended layout is not followed (sometimes it is
not possible due to application-specific limitations), it is possible to choose a more conservative compensation with
a lower gain or bandwidth in order to retain stability during operation. However, this is at the expense of a transient
response. A superior layout allows a better tradeoff between transient response, phase margin, and output noise
performance when selecting compensation values.
L
RSET
CSET
OUTS
SW
LT83201
VOUT
SET
GND
R1
R2
CPL
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com