Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 11Page - STMicroelectronics LRI512 Datasheet HTML 12Page - STMicroelectronics LRI512 Datasheet HTML 13Page - STMicroelectronics LRI512 Datasheet HTML 14Page - STMicroelectronics LRI512 Datasheet HTML 15Page - STMicroelectronics LRI512 Datasheet HTML 16Page - STMicroelectronics LRI512 Datasheet HTML 17Page - STMicroelectronics LRI512 Datasheet HTML 18Page - STMicroelectronics LRI512 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
15/54
LRI512
UNIQUE IDENTIFIER (UID)
The LRI512s are uniquely identified by a 64-bit
Unique Identifier (UID). This UID complies with
ISO/IEC 15963 and ISO/IEC 7816-6. The UID is a
read only code, and comprises:
– The 8 MSB is E0h
– The IC Manufacturer code of ST 02h, on 8 bits
(ISO/IEC 7816-6/AM1)
– A Unique Serial Number on 48 bits.
The UID is used for addressing each LRI512
uniquely and individually, during the anti-collision
loop and for one-to-one exchange between a VCD
and a LRI512.
Table 5. UID Format
APPLICATION FAMILY IDENTIFIER (AFI)
The AFI (Application Family Identifier) describes
the type of application targeted by the VCD, and is
used to extract from all the LRI512s present only
the LRI512s meeting the required application cri-
teria.
It is programmed by the LRI512 issuer in the AFI
register. Once programmed and Locked, it cannot
be modified.
The most significant nibble of AFI is used to code
one specific or all application families.
The least significant nibble of AFI is used to code
one specific or all application sub-families. Sub-
family codes, other than 0, are proprietary.
(See ISO 15693-3 documentation)
Figure 28. LRI512 Decision Tree for AFI
CRC
The CRC used in the LRI512 is calculated as per
the definition in ISO/IEC 13239.
The initial register content is all ones: FFFFh.
The 2-byte CRC is appended to each Request and
each Response, within each frame, before the
EOF. The CRC is calculated on all the bytes after
the SOF up to the CRC field.
Upon reception of a Request from the VCD, the
LRI512 verifies that the CRC value is valid. If it is
invalid, it discards the frame, and does not answer
the VCD.
Upon reception of a Response from the LRI512, it
is recommended that the VCD verify that the CRC
value is valid. If it is invalid, actions to be per-
formed are left to the responsibility of the VCD de-
signer.
The CRC is transmitted Least Significant Byte first.
Each byte is transmitted Least Significant Bit first.
Table 6. CRC Transmission Rules
MSB
LSB
63
56
55
48
47
0
E0h
02h
Unique Serial Number
AI06679
Inventory Request
Received
No
No Answer
Yes
No
AFI value
= 0 ?
Yes
No
AFI Flag
Set ?
Yes
Answer given by the LRI512
to the Inventory Request
AFI value
= Internal
value ?
LSByte
MSByte
LSBit
MSBit
LSBit
MSBit
CRC 16 (8bits)
CRC 16 (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com