Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 38 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 34Page - STMicroelectronics LRI512 Datasheet HTML 35Page - STMicroelectronics LRI512 Datasheet HTML 36Page - STMicroelectronics LRI512 Datasheet HTML 37Page - STMicroelectronics LRI512 Datasheet HTML 38Page - STMicroelectronics LRI512 Datasheet HTML 39Page - STMicroelectronics LRI512 Datasheet HTML 40Page - STMicroelectronics LRI512 Datasheet HTML 41Page - STMicroelectronics LRI512 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
LRI512
38/54
DESACTIVATE EAS
Command Code = 0xA1
When receiving the De-activate EAS Request, the
LRI512 reset the non-volatile EAS bit. The
Option_Flag is not supported.
During the write cycle tW, no modulation (never
100% nor 10%) shall occur. If so, the LRI512 may
not reset correctly the EAS bit. The tW delay is a
multiple of t1nominal.
Request parameter (Table 49):
– UID (Optional)
Response parameter (Table 50):
– No parameter.
Response parameter (Table 51):
– Error Code as Error_Flag is set
Table 49. De-activate EAS Request Format
Table 50. De-activate EAS Response Format when Error Flag is NOT Set
Table 51. De-activate EAS Response Format when Error Flag is Set
Figure 42. DE-ACTIVATE EAS Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
De-activate
EAS
IC Mfg code
UID
CRC16
Request
EOF
8 bits
0xA1
0x02
64 bits
16 bits
Response SOF
Response_Flags
CRC16
Response EOF
8 bits
16 bits
Response SOF
Response_Flags
Error Code
CRC16
Response EOF
8 bits
8 bits
16 bits
AI06840
VCD
LRI512
LRI512
t1
EOF
SOF
EOF
SOF
Write sequence when error
SOF
EOF
t1
tw
De-activate
EAS Request
De-activate
EAS Response
De-activate
EAS Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com