Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 29 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 25Page - STMicroelectronics LRI512 Datasheet HTML 26Page - STMicroelectronics LRI512 Datasheet HTML 27Page - STMicroelectronics LRI512 Datasheet HTML 28Page - STMicroelectronics LRI512 Datasheet HTML 29Page - STMicroelectronics LRI512 Datasheet HTML 30Page - STMicroelectronics LRI512 Datasheet HTML 31Page - STMicroelectronics LRI512 Datasheet HTML 32Page - STMicroelectronics LRI512 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
29/54
LRI512
STAY QUIET
Command Code = 0x02
When receiving the Stay Quiet command, the
LRI512 enters the Quiet State, and does
not send
back a Response. There is
no response to the
Stay Quiet Command.
When in the Quiet State:
– the LRI512 does not process any Request if
Inventory_flag is set,
– the LRI512 processes any addressed Re-
quest
The LRI512 exits the Quiet State when:
– reset (power off)
– receiving a Select request. It then goes to the
Selected state
– receiving a Reset to Ready request. It then
goes to the Ready state.
The Stay Quiet Command (Table 23) shall always
be executed in Addressed Mode (Select_Flag is
set to 0 and Address_Flag is set to 1).
Table 23. Stay Quiet Request Format
Figure 33. STAY QUIET Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
Stay Quiet
UID
CRC16
Request
EOF
8 bits
0x02
64 bits
16 bits
AI06842
VCD
SOF
Stay Quiet
Request
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com