Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 43 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 39Page - STMicroelectronics LRI512 Datasheet HTML 40Page - STMicroelectronics LRI512 Datasheet HTML 41Page - STMicroelectronics LRI512 Datasheet HTML 42Page - STMicroelectronics LRI512 Datasheet HTML 43Page - STMicroelectronics LRI512 Datasheet HTML 44Page - STMicroelectronics LRI512 Datasheet HTML 45Page - STMicroelectronics LRI512 Datasheet HTML 46Page - STMicroelectronics LRI512 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
43/54
LRI512
APPENDIX C
Application Family Identifier (AFI)
The AFI (Application Family Identifier) represents
the type of application targeted by the VCD and is
used to extract from all the LRI512 present only
the LRI512 meeting the required application crite-
ria.
It is programmed by the LRI512 issuer (the pur-
chaser of the LRI512). Once locked, it cannot be
modified.
The most significant nibble of AFI is used to code
one specific or all application families, as defined
in Table 55.
The least significant nibble of AFI is used to code
one specific or all application sub-families. Sub-
family codes other than 0 are proprietary.
Table 55. AFI Coding
Note: X = 1h to Fh, Y = 1h to Fh
AFI
Most
Significant
Nibble
AFI
Least
Significant
Nibble
Meaning
VICCs respond from
Examples / Note
0
0
All families and sub-families
No applicative preselection
‘X’
0
All sub-families of family X
Wide applicative preselection
‘X’
‘Y’
Only the Yth sub-family of family X
0
‘Y’
Proprietary sub-family Y only
1
0, ‘Y’
Transport
Mass transit, Bus, Airline,...
2
0, ‘Y’
Financial
IEP, Banking, Retail,...
3
0, ‘Y’
Identification
Access Control,...
4
0, ‘Y’
Telecomunication
Public Telephony, GSM,...
5
0, ‘Y’
Medical
6
0, ‘Y’
Multimedia
Internet services....
7
0, ‘Y’
Gaming
8
0, ‘Y’
Data Storage
Portable Files, ...
9
0, ‘Y’
Item Management
A
0, ‘Y’
Express Parcels
B
0, ‘Y’
Postal Services
C
0, ‘Y’
Airline Bags
D
0, ‘Y’
RFU
E
0, ‘Y’
RFU
F
0, ‘Y’
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com