Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 4 Page - STMicroelectronics

  LRI512 Datasheet HTML 1Page - STMicroelectronics LRI512 Datasheet HTML 2Page - STMicroelectronics LRI512 Datasheet HTML 3Page - STMicroelectronics LRI512 Datasheet HTML 4Page - STMicroelectronics LRI512 Datasheet HTML 5Page - STMicroelectronics LRI512 Datasheet HTML 6Page - STMicroelectronics LRI512 Datasheet HTML 7Page - STMicroelectronics LRI512 Datasheet HTML 8Page - STMicroelectronics LRI512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
LRI512
4/54
COMMUNICATION SIGNAL FROM VCD TO LRI512
Since the LRI512 is fully compliant with the
ISO15693 recommendation, the descriptions and
illustrations that follow are very heavily based on
those of the ISO/IEC documents: ISO/IEC 15693-
2:2000(E) and ISO/IEC 15693-3:2001(E). This
has been done with the kind permission of the ISO
Copyright Office.
Communications between the VCD and the
LRI512 takes place using the modulation principle
of ASK (amplitude modulation). Two modulation
indices are used, 10% and 100%. The LRI512 de-
codes both. The VCD determines which index is
used.
The modulation index is defined as [a-b]/[a+b]
where a and b are the peak and minimum signal
amplitude, respectively, of the carrier frequency.
Depending of the choice made by the VCD, a
“pause” will be created as described in Figure 3
and Figure 4.
The LRI512 is operational for any degree of mod-
ulation index from between 10% and 30%.
Figure 3. 100% Modulation Waveform
Table 3. 10% Modulation Parameters
Figure 4. 10% Modulation Waveform
hr
0.1 x (a-b)
max
hf
0.1 x (a-b)
max
AI06683
tRFF
tRFSBL
tRFR
105%
a
t
100%
95%
60%
5%
AI06655
tRFF
tRFSFL
tRFR
hr
hf
ab
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com