Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 35Page - STMicroelectronics LRI512 Datasheet HTML 36Page - STMicroelectronics LRI512 Datasheet HTML 37Page - STMicroelectronics LRI512 Datasheet HTML 38Page - STMicroelectronics LRI512 Datasheet HTML 39Page - STMicroelectronics LRI512 Datasheet HTML 40Page - STMicroelectronics LRI512 Datasheet HTML 41Page - STMicroelectronics LRI512 Datasheet HTML 42Page - STMicroelectronics LRI512 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
39/54
LRI512
POOL EAS
Command Code = 0xA2
When receiving the POOL EAS Request, all
LRI512 with the non-volatile EAS bit set generate
the EAS signal.
Request parameter (Table 52 or Table 53):
– No parameter
Table 52. POOL EAS Request Format for One Sub-carrier Modulation Answer
Table 53. POOL EAS Request Format for Two Sub-carrier Modulation Answer
POOL EAS Response Format when the request
frame is correctly received
The LRI512 generates a continuous stream of 256
bits at ‘0’ using the One or Two sub-carrier modu-
lation at Low data rate ended by 2 CRC bytes.
Figure 43. POOL EAS Frame Exchange between VCD and LRI512
Request SOF
Request_Flags
POOL EAS
IC Mfg code
CRC16
Request EOF
0x00
0xA2
0x02
16 bits
Request SOF
Request_Flags
POOL EAS
IC Mfg code
CRC16
Request EOF
0x01
0xA2
0x02
16 bits
AI06841
VCD
LRI512
t1
SOF
POOL EAS
Request
EOF
256 `O' using Single sub-carrier
modulation at Low data rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com