Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 35 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 31Page - STMicroelectronics LRI512 Datasheet HTML 32Page - STMicroelectronics LRI512 Datasheet HTML 33Page - STMicroelectronics LRI512 Datasheet HTML 34Page - STMicroelectronics LRI512 Datasheet HTML 35Page - STMicroelectronics LRI512 Datasheet HTML 36Page - STMicroelectronics LRI512 Datasheet HTML 37Page - STMicroelectronics LRI512 Datasheet HTML 38Page - STMicroelectronics LRI512 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
35/54
LRI512
WRITE AFI
Command Code = 0x27
When receiving the Write AFI Request, the LRI512
write the AFI byte value into its memory. The
Option_Flag is not supported.
During the write cycle tW, no modulation (never
100% nor 10%) shall occur. If so, the LRI512 may
not Write correctly the AFI value into the memory.
The tW delay is a multiple of t1nominal.
Request parameter (Table 40):
– UID (Optional)
–AFI
Response parameter (Table 41):
– No parameter.
Response parameter (Table 42):
– Error Code as Error_Flag is set
Table 40. Write AFI Request Format
Table 41. Write AFI Response Format when Error Flag is NOT Set
Table 42. Write AFI Response Format when Error Flag is Set
Figure 39. WRITE AFI Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
Write AFI
UID
AFI
CRC16
Request
EOF
8 bits
0x27
64 bits
8 bits
16 bits
Response SOF
Response_Flags
CRC16
Response EOF
8 bits
16 bits
Response SOF
Response_Flags
Error Code
CRC16
Response EOF
8 bits
8 bits
16 bits
AI06837
VCD
LRI512
LRI512
t1
EOF
SOF
EOF
SOF
Write sequence when error
SOF
EOF
t1
tw
Write AFI
Request
Write AFI
Response
Write AFI
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com