Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 33 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 29Page - STMicroelectronics LRI512 Datasheet HTML 30Page - STMicroelectronics LRI512 Datasheet HTML 31Page - STMicroelectronics LRI512 Datasheet HTML 32Page - STMicroelectronics LRI512 Datasheet HTML 33Page - STMicroelectronics LRI512 Datasheet HTML 34Page - STMicroelectronics LRI512 Datasheet HTML 35Page - STMicroelectronics LRI512 Datasheet HTML 36Page - STMicroelectronics LRI512 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
33/54
LRI512
SELECT
Command Code = 0x25
When receiving the Select Command:
– if the UID is equal to its own UID, the LRI512 en-
ter or stay in the Selected state and send a Re-
sponse.
– if it is different, the selected LRI512 return to the
Ready state and do not send a Response.
Request parameter (Table 34):
–UID
Response parameter (Table 35):
– No parameter.
Response parameter (Table 36):
– Error Code as Error_Flag is set
Table 34. Select Request Format
Table 35. Select Block Response Format when Error Flag is NOT Set
Table 36. Select Response Format when Error Flag is Set
Figure 37. SELECT Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
Select
UID
CRC16
Request
EOF
8 bits
0x25
64 bits
16 bits
Response SOF
Response_Flags
CRC16
Response EOF
8 bits
16 bits
Response SOF
Response_Flags
Error Code
CRC16
Response EOF
8 bits
8 bits
16 bits
AI06835
VCD
LRI512
t1
EOF
SOF
EOF
SOF
Select Request
Select Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com