Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 30 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 26Page - STMicroelectronics LRI512 Datasheet HTML 27Page - STMicroelectronics LRI512 Datasheet HTML 28Page - STMicroelectronics LRI512 Datasheet HTML 29Page - STMicroelectronics LRI512 Datasheet HTML 30Page - STMicroelectronics LRI512 Datasheet HTML 31Page - STMicroelectronics LRI512 Datasheet HTML 32Page - STMicroelectronics LRI512 Datasheet HTML 33Page - STMicroelectronics LRI512 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
LRI512
30/54
READ SINGLE BLOCK
Command Code = 0x20
When receiving the Read Single Block Command,
the LRI512 read the requested block and send
back its 32 bits value in the Response.The
Option_Flag is supported.
Request parameter (Table 24):
– Option_Flag
– UID (Optional)
– Block Number
Response parameter (Table 25):
– Block Locking Status if Option_Flag is set
– 4 bytes of Block Data
Response parameter (Table 27):
– Error Code as Error_Flag is set
Table 24. Read Single Block Request Format
Table 25. Read Single Block Response Format when Error_Flag is NOT Set
Table 26.
Table 27. Read Single Block Response Format when Error_Flag is Set
Figure 34. READ Single Block Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
Read Single
Block
UID
Block
Number
CRC16
Request
EOF
8 bits
0x20
64 bits
8 bits
16 bits
Response
SOF
Response
Flags
Block
Locking
Status
Data
CRC16
Response
EOF
8 bits
8 bits
32 bits
16 bits
b7 (bit b0 for ISO)
b6
b5
b4
b3
b2
b1
b0
0: Current Block not locked
1: Current Block locked
Reserved for future used. All at 0
Response SOF
Response_Flags
Error Code
CRC16
Response EOF
8 bits
8 bits
16 bits
AI06832
VCD
LRI512
t1
SOF
Read Single
Block Request
EOF
SOF
Read Single
Block Response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com