Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 48 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 44Page - STMicroelectronics LRI512 Datasheet HTML 45Page - STMicroelectronics LRI512 Datasheet HTML 46Page - STMicroelectronics LRI512 Datasheet HTML 47Page - STMicroelectronics LRI512 Datasheet HTML 48Page - STMicroelectronics LRI512 Datasheet HTML 49Page - STMicroelectronics LRI512 Datasheet HTML 50Page - STMicroelectronics LRI512 Datasheet HTML 51Page - STMicroelectronics LRI512 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
LRI512
48/54
PACKAGE MECHANICAL
A1T/ISOR – Copper Antenna, Package Outline
Note: Drawing is not to scale.
A1T/ISOR – Copper Antenna, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A1
(Coil Width)
45
44.5
45.5
1.772
1.752
1.791
A2
(Coil Length)
76
75.5
76.5
2.992
2.972
3.012
C
(Web Width)
48
47.5
48.5
1.890
1.870
1.909
D
(Pitch)
96
95.5
96.5
3.780
3.760
3.800
E
(Coil distance from
Web edge)
1.5
1
2
0.059
0.039
0.079
(Overall Thickness of
copper antenna coil)
0.110
0.090
0.130
0.004
0.003
0.005
(Silicon Thickness)
0.180
0.165
0.195
0.007
0.006
0.008
Q
(Unloaded Q value)
35
35
FNOM
(Unloaded free-air
resonance)
14.6 MHz
14.6 MHz
AI06843
A2
D
C
E
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com