Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 36 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 32Page - STMicroelectronics LRI512 Datasheet HTML 33Page - STMicroelectronics LRI512 Datasheet HTML 34Page - STMicroelectronics LRI512 Datasheet HTML 35Page - STMicroelectronics LRI512 Datasheet HTML 36Page - STMicroelectronics LRI512 Datasheet HTML 37Page - STMicroelectronics LRI512 Datasheet HTML 38Page - STMicroelectronics LRI512 Datasheet HTML 39Page - STMicroelectronics LRI512 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
LRI512
36/54
LOCK AFI
Command Code = 0x28
When receiving the Lock AFI Request, the LRI512
lock the AFI value permanently. The Option_Flag
is not supported.
During the write cycle tW, no modulation (never
100% nor 10%) shall occur. If so, the LRI512 may
not Lock correctly the AFI value into the memory.
The tW delay is a multiple of t1nominal.
Request parameter (Table 43):
– UID (Optional)
Response parameter (Table 44):
– No parameter.
Response parameter (Table 45):
– Error Code as Error_Flag is set
Table 43. Lock AFI Request Format
Table 44. Lock AFI Response Format when Error Flag is NOT Set
Table 45. Lock AFI Response Format when Error Flag is Set
Figure 40. LOCK AFI Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
Lock AFI
UID
CRC16
Request
EOF
8 bits
0x28
64 bits
16 bits
Response SOF
Response_Flags
CRC16
Response EOF
8 bits
16 bits
Response SOF
Response_Flags
Error Code
CRC16
Response EOF
8 bits
8 bits
16 bits
AI06838
VCD
LRI512
LRI512
t1
EOF
SOF
EOF
SOF
Lock sequence when error
SOF
EOF
t1
tw
Lock AFI
Request
Lock AFI
Response
Lock AFI
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com