Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 31 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 27Page - STMicroelectronics LRI512 Datasheet HTML 28Page - STMicroelectronics LRI512 Datasheet HTML 29Page - STMicroelectronics LRI512 Datasheet HTML 30Page - STMicroelectronics LRI512 Datasheet HTML 31Page - STMicroelectronics LRI512 Datasheet HTML 32Page - STMicroelectronics LRI512 Datasheet HTML 33Page - STMicroelectronics LRI512 Datasheet HTML 34Page - STMicroelectronics LRI512 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
31/54
LRI512
WRITE SINGLE BLOCK
Command Code = 0x21
When receiving the Write Single Block Command,
the LRI512 writes the requested block with the
data contained in the Request, and reports the
success of the operation in the Response. The
Option_Flag is not supported.
During the write cycle, tW, no modulation (neither
100% nor 10%) shall occur, otherwise the LRI512
may program the data incorrectly in the memory.
The tW delay is a multiple of t1nominal.
Request parameter (Table 28):
– UID (Optional)
– Block Number
–Data
Response parameter (Table 29):
– No parameter. The response is sent back af-
ter the write cycle
Response parameter (Table 30):
– Error Code as Error_Flag is set
Table 28. Write Single Block Request Format
Table 29. Write Single Block Response Format when Error Flag is NOT Set
Table 30. Write Single Block Response Format when Error Flag is Set
Figure 35. WRITE Single Block Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
Write Single
Block
UID
Block
Number
Data
CRC16
Request
EOF
8 bits
0x21
64 bits
8 bits
32 bits
16bits
Response SOF
Response_Flags
CRC16
Response EOF
8 bits
16 bits
Response SOF
Response_Flags
Error Code
CRC16
Response EOF
8 bits
8 bits
16 bits
AI06833
VCD
LRI512
LRI512
t1
EOF
SOF
Write Single
Block Request
EOF
SOF
Write Single
Block Response
Write sequence when error
SOF
Write Single
Block Response
EOF
t1
tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com