Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 46 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 42Page - STMicroelectronics LRI512 Datasheet HTML 43Page - STMicroelectronics LRI512 Datasheet HTML 44Page - STMicroelectronics LRI512 Datasheet HTML 45Page - STMicroelectronics LRI512 Datasheet HTML 46Page - STMicroelectronics LRI512 Datasheet HTML 47Page - STMicroelectronics LRI512 Datasheet HTML 48Page - STMicroelectronics LRI512 Datasheet HTML 49Page - STMicroelectronics LRI512 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
LRI512
46/54
Figure 44. LRI512 Synchronous Timing, Transmit and Receive
Figure 44 shows an ASK modulated signal, from
the VCD to the LRI512. The test condition for the
AC/DC parameters are:
– Close coupling condition with tester antenna
(1mm)
– Gives LRI512 performance on tag antenna
Table 58. DC Characteristics
AI06680
AB
tRFF
tRFR
tRFSBL
tMAX
tMIN CD
fCC
Symbol
Parameter
Test Condition (in addition to
those in Table 57)
Min.
Typ.
Max.
Unit
VCC
Regulated Voltage
1.5
3.0
V
VRET
Retromodulated
Induced Voltage
A1T/ISOR
ISO10373-7
10
mV
A1S/ISOR
ISO10373-7
10
mV
A2T/ISOK
ISO10373-7
10
mV
C40
ISO10373-7
10
mV
ICC
Supply Current (Active in Read)
Vcc = 3.0V
150
µA
ICC
Supply Current (Active in Write)
Vcc = 3.0V
400
µA
CTUN
Internal Tuning Capacitor
f=13.56Mhz for W4/22
18.5
pF
CTUN
Internal Tuning Capacitor
f=13.56Mhz for W4/30
26
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com