Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 41 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 37Page - STMicroelectronics LRI512 Datasheet HTML 38Page - STMicroelectronics LRI512 Datasheet HTML 39Page - STMicroelectronics LRI512 Datasheet HTML 40Page - STMicroelectronics LRI512 Datasheet HTML 41Page - STMicroelectronics LRI512 Datasheet HTML 42Page - STMicroelectronics LRI512 Datasheet HTML 43Page - STMicroelectronics LRI512 Datasheet HTML 44Page - STMicroelectronics LRI512 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
41/54
LRI512
APPENDIX B
The CRC Error Detection Method
The Cyclic Redundancy Check (CRC) is calculat-
ed on all data contained in a message, from the
start of the Flags through to the end of Data. This
CRC is used from the VCD to the LRI512, and
from the LRI512 to the VCD.
Table 54. CRC Definition
To add extra protection against shift errors, a fur-
ther transformation on the calculated CRC is
made. The One’s Complement of the calculated
CRC is the value attached to the message for
transmission.
For checking of received messages the two CRC
bytes are often also included in the re-calculation,
for ease of use. In this case, given the expected
value for the generated CRC is the residue of
F0B8h
CRC Calculation Example
This example in C language illustrates one method
of calculating the CRC on a given set of bytes
comprising a message.
C-Example to calculate or check the CRC16 according to ISO/IEC 13239
#define
POLYNOMIAL0x8408//
x^16 + x^12 + x^5 + 1
#define
PRESET_VALUE0xFFFF
#define
CHECK_VALUE0xF0B8
#define
NUMBER_OF_BYTES4// Example: 4 data bytes
#define
CALC_CRC1
#define
CHECK_CRC0
void main()
{
unsigned int
current_crc_value;
unsigned char array_of_databytes[NUMBER_OF_BYTES + 2] = {1, 2, 3, 4, 0x91, 0x39};
int
number_of_databytes = NUMBER_OF_BYTES;
int
calculate_or_check_crc;
int
i, j;
calculate_or_check_crc = CALC_CRC;
// calculate_or_check_crc = CHECK_CRC;// This could be an other example
if (calculate_or_check_crc == CALC_CRC)
{
number_of_databytes = NUMBER_OF_BYTES;
}
else
// check CRC
{
number_of_databytes = NUMBER_OF_BYTES + 2;
}
current_crc_value = PRESET_VALUE;
for (i = 0; i < number_of_databytes; i++)
{
current_crc_value = current_crc_value ^ ((unsigned int)array_of_databytes[i]);
for (j = 0; j < 8; j++)
{
if (current_crc_value & 0x0001)
{
CRC Definition
CRC Type
Length
Polynomial
Direction
Preset
Residue
ISO/IEC 13239
16 bits
X16 + X12 + X5 + 1
= Ox8408
Backward
0xFFFF
0xF0B8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com