Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 16Page - STMicroelectronics LRI512 Datasheet HTML 17Page - STMicroelectronics LRI512 Datasheet HTML 18Page - STMicroelectronics LRI512 Datasheet HTML 19Page - STMicroelectronics LRI512 Datasheet HTML 20Page - STMicroelectronics LRI512 Datasheet HTML 21Page - STMicroelectronics LRI512 Datasheet HTML 22Page - STMicroelectronics LRI512 Datasheet HTML 23Page - STMicroelectronics LRI512 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
LRI512
20/54
REQUEST FORMAT
The Request consists of
–SOF
– Flags
– A Command Code
– Parameters and Data
– CRC
–EOF
Table 10. General Request Format
Request Flags
In a Request, the flags field specifies the actions to
be performed by the LRI512, and whether corre-
sponding fields are present or not.
It consists of eight bits.
The bit 3 (Inventory_flag) of the request flag de-
fines the content of the 4 MSBs (bits 5 to 8).
When bit 3 is reset (0), bits 5 to 8 define the
LRI512 selection criteria.
When bit 3 is set (1), bits 5 to 8 define the LRI512
Inventory parameters.
Table 11. Request Flags 1 to 4 Definition
Note: 1. Sub-carrier_flag refers to the LRI512-to-VCD communi-
cation.
2. Data_rate_flag refers to the LRI512-to-VCD communica-
tion
Table 12. Request Flags 5 to 8 when Bit 3 = 0
Note: if the Select_flag is set to 1, the Address_flag shall be set to
0 and the UID field shall not be present in the Request.
Table 13. Request Flags 5 to 8 when Bit 3 = 1
S
O
F
Request
Flags
Command
Code
Parameters
Data
CRC
E
O
F
Bit 1
Sub-carrier
flag
0
A single sub-carrier frequency
shall be used by the LRI512
1
Two sub-carriers shall be used
by the LRI512
Bit 2
Data_rate
flag
0
Low data rate is used
1
High data rate is used
Bit 3
Inventory
flag
0
Flags 5 to 8 meaning are
according to Table 12
1
Flags 5 to 8 meaning are
according to Table 13
Bit 4
Protocol
Extension
flag
0
No Protocol format extension
Bit 5
Select flag
0
Request shall be executed by
any LRI512 according to the
setting of Address_flag
1
Request shall be executed only
by LRI512 in Selected State
Bit 6
Address
flag
0
Request is not addressed. UID
field is not present. It shall be
executed by all LRI512.
1
Request is addressed. UID field
is present. It shall be executed
only by the LRI512 whose UID
matches the UID specified in
the Request.
Bit 7 Option flag
0
Bit 8
RFU
0
Bit 5
AFI flag
0
AFI field is not present
1
AFI field is present
Bit 6 Nb_slots flag
0
16 slots
1
1 slot
Bit 7
Option flag
0
Bit 8
RFU
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com