Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 28 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 24Page - STMicroelectronics LRI512 Datasheet HTML 25Page - STMicroelectronics LRI512 Datasheet HTML 26Page - STMicroelectronics LRI512 Datasheet HTML 27Page - STMicroelectronics LRI512 Datasheet HTML 28Page - STMicroelectronics LRI512 Datasheet HTML 29Page - STMicroelectronics LRI512 Datasheet HTML 30Page - STMicroelectronics LRI512 Datasheet HTML 31Page - STMicroelectronics LRI512 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
LRI512
28/54
INVENTORY
Command Code = 0x01
When receiving the Inventory request, the LRI512
performs
the
anti-collision
sequence.
The
Inventory_flag shall be set to 1. The Meaning of
Flags 5 to 8 is according to Table 13., Request
Flags 5 to 8 when Bit 3 = 1, on page 20. The Re-
quest (Table 21) contains:
– Flags,
– Inventory Command code
– AFI if the AFI flag is set
– Mask Length
– Mask Value
– CRC
The Response (Table 22) contains:
– Flags
– DSFID (always 00h)
– Unique ID
Note on Inventory Operation. In
the
current
LRI512 device, it is not possible to use the full
range of Mask Length capability to covert the com-
plete INVENTORY sequence. Values above the
ones mentioned are not allowed:
– 16 slots mode (Request flag b6=0): Mask
Length must be in the range 0 to 27.
– 1 slot mode (Request flag b6=1): Mask
Length must be in the range 0 to 20.
STMicroelectronics programs the UID in such a
way that it guarantees that the anti-collision se-
quence is able to detect all LRI512 in the reader
field.
Table 21. Inventory Request Format
Table 22. Inventory Response Format
Request
SOF
Request
Flags
Inventory
Optional AFI
Mask Length
Mask Value
CRC16
Request
EOF
8 bits
0x01
8 bits
8 bits
0 - 64 bits
16 bits
Response
SOF
Response
Flags
DSFID
UID
CRC16
Response
EOF
8 bits
0x00
64 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com