Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 37 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 33Page - STMicroelectronics LRI512 Datasheet HTML 34Page - STMicroelectronics LRI512 Datasheet HTML 35Page - STMicroelectronics LRI512 Datasheet HTML 36Page - STMicroelectronics LRI512 Datasheet HTML 37Page - STMicroelectronics LRI512 Datasheet HTML 38Page - STMicroelectronics LRI512 Datasheet HTML 39Page - STMicroelectronics LRI512 Datasheet HTML 40Page - STMicroelectronics LRI512 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
37/54
LRI512
ACTIVATE EAS
Command Code = 0xA0
When receiving the Activate EAS Request, the
LRI512
set
the
non-volatile
EAS
bit.
The
Option_Flag is not supported.
During the write cycle tW, no modulation (never
100% nor 10%) shall occur. If so, the LRI512 may
not set correctly the EAS bit. The tW delay is a mul-
tiple of t1nominal.
Request parameter (Table 46):
– UID (Optional)
Response parameter (Table 47):
– No parameter.
Response parameter (Table 48):
– Error Code as Error_Flag is set
Table 46. Activate EAS Request Format
Table 47. Activate EAS Response Format when Error Flag is NOT Set
Table 48. Activate EAS Response Format when Error Flag is Set
Figure 41. ACTIVATE EAS Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
Activate EAS
IC Mfg code
UID
CRC16
Request
EOF
8 bits
0xA0
0x02
64 bits
16 bits
Response SOF
Response_Flags
CRC16
Response EOF
8 bits
16 bits
Response SOF
Response_Flags
Error Code
CRC16
Response EOF
8 bits
8 bits
16 bits
AI06839
VCD
LRI512
LRI512
t1
EOF
SOF
EOF
SOF
Write sequence when error
SOF
EOF
t1
tw
Activate EAS
Request
Activate EAS
Response
Activate EAS
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com