Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 47 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 43Page - STMicroelectronics LRI512 Datasheet HTML 44Page - STMicroelectronics LRI512 Datasheet HTML 45Page - STMicroelectronics LRI512 Datasheet HTML 46Page - STMicroelectronics LRI512 Datasheet HTML 47Page - STMicroelectronics LRI512 Datasheet HTML 48Page - STMicroelectronics LRI512 Datasheet HTML 49Page - STMicroelectronics LRI512 Datasheet HTML 50Page - STMicroelectronics LRI512 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
47/54
LRI512
Table 59. AC Characteristics
Note: 1. PA Min is the minimum H-field required to communicate with the LRI512
PA Max is the maximum H-field that the device can support before clamping the incoming signal
Symbol
Parameter
Test Condition (in addition to
those in Table 57)
Min.
Typ.
Max.
Unit
fCC
External RF Signal Frequency
13.553
13.56
13.567
MHz
MICARRIER 10% Carrier Modulation Index
MI=(A-B)/(A+B)
10
30
%
tRFR, tRFF
10% Rise and Fall time
0
3.0
µs
tRFSBL
10% Minimum Pulse Width for
bit
7.1
9.44
µs
MICARRIER 100% Carrier Modulation Index
MI=(A-B)/(A+B)
95
100
%
tRFR, tRFF
100% Rise and Fall time
0
3.5
µs
tRFSBL
100% Minimum Pulse Width for
bit
7.1
9.44
µs
tJIT
Bit pulse Jitter
-2
+2
µs
tMAX
Maximum Carrier Rise Time
Zero to Maximum field strength
induced Voltage on Coil
3
V/µs
tMINCD
Minimum Time from Carrier
Generation to First Data
From H-field min
0.1
1
ms
fSH
Subcarrier Frequency High
FCC/32
423.75
kHz
fSL
Subcarrier Frequency Low
FCC/28
484.28
kHz
t1
Time for LRI512 Response
4224/FS
313
320.9
322
µs
t2
Time between Commands
4224/FS
309
311.5
314
µs
rL
Resistive Load (for Modulation)
500
1000
2000
Ω
PA
H-field Energy on LRI512
Antenna
A1T/ISOR
0.15
5
A/m
A1S/ISOR
0.15
5
A/m
A2T/ISOK
0.15
5
A/m
C40
1
5
A/m
tW
Programming Time
5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com