Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 34 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 30Page - STMicroelectronics LRI512 Datasheet HTML 31Page - STMicroelectronics LRI512 Datasheet HTML 32Page - STMicroelectronics LRI512 Datasheet HTML 33Page - STMicroelectronics LRI512 Datasheet HTML 34Page - STMicroelectronics LRI512 Datasheet HTML 35Page - STMicroelectronics LRI512 Datasheet HTML 36Page - STMicroelectronics LRI512 Datasheet HTML 37Page - STMicroelectronics LRI512 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
LRI512
34/54
RESET TO READY
Command Code = 0x26
When receiving a Reset to Ready Command, the
LRI512 return to the Ready state.
Request parameter (Table 37):
– UID (Optional)
Response parameter (Table 38):
– No parameter.
Response parameter (Table 39):
– Error Code as Error_Flag is set
Table 37. Reset to Ready Request Format
Table 38. Reset to Ready Response Format when Error Flag is NOT Set
Table 39. Reset to ready Response Format when Error Flag is Set
Figure 38. RESET to READY Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
Reset to
Ready
UID
CRC16
Request
EOF
8 bits
0x26
64 bits
16 bits
Response SOF
Response_Flags
CRC16
Response EOF
8 bits
16 bits
Response SOF
Response_Flags
Error Code
CRC16
Response EOF
8 bits
8 bits
16 bits
AI06836
VCD
LRI512
t1
SOF
Reset to Ready
Request
EOF
SOF
Reset to Ready
Response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com