Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 17Page - STMicroelectronics LRI512 Datasheet HTML 18Page - STMicroelectronics LRI512 Datasheet HTML 19Page - STMicroelectronics LRI512 Datasheet HTML 20Page - STMicroelectronics LRI512 Datasheet HTML 21Page - STMicroelectronics LRI512 Datasheet HTML 22Page - STMicroelectronics LRI512 Datasheet HTML 23Page - STMicroelectronics LRI512 Datasheet HTML 24Page - STMicroelectronics LRI512 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
21/54
LRI512
RESPONSE FORMAT
The Response consists of
–SOF
– Flags
– Parameters and Data
– CRC
–EOF
Table 14. General Response Format
Response Flags
In a Response, the flags field indicates how ac-
tions have been performed by the LRI512 and
whether corresponding fields are present or not. It
consists of eight bits.
Table 15. Response Flags 1 to 8 definition
Response Error Code
If the Error Flag is set by the LRI512 in the Re-
sponse, the Error Code field is present and pro-
vides information about the error that occurred.
The following error codes are specified. Other
codes are reserved for future use.
Table 16. Response Error Code Definition
SOF
Response
Flags
Parameters
Data
CRC EOF
Bit 1
Error flag
0
No error
1
Error detected. Error code is
in the “Error” field.
Bit 2
RFU
0
Bit 3
RFU
0
Bit 4
Extension
flag
0
No extension
Bit 5
RFU
0
Bit 6
RFU
0
Bit 7
RFU
0
Bit 8
RFU
0
Error
Code
Meaning
03h
The option is not supported
10h
The specified block is not available
11h
The specified block is already locked and thus
cannot be locked again
12h
The specified block is locked and its content
cannot be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com