Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 52 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 46Page - STMicroelectronics LRI512 Datasheet HTML 47Page - STMicroelectronics LRI512 Datasheet HTML 48Page - STMicroelectronics LRI512 Datasheet HTML 49Page - STMicroelectronics LRI512 Datasheet HTML 50Page - STMicroelectronics LRI512 Datasheet HTML 51Page - STMicroelectronics LRI512 Datasheet HTML 52Page - STMicroelectronics LRI512 Datasheet HTML 53Page - STMicroelectronics LRI512 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
LRI512
52/54
PART NUMBERING
Table 60. Ordering Information Scheme
The notation used for the device number is as
shown in Table 60. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please see the current
Memory Shortform Catalogue, or contact your
nearest ST Sales Office, or email:
memories.contactless@st.com
Example:
LRI512
-
W4/22
Delivery Form
W4/22
180
µm ± 15 µm unsawn wafer, 18.5 pF tuning capacitor
W4/30
180
µm ± 15 µm unsawn wafer, 26 pF tuning capacitor
SBN18/22 180
µm ± 15 µm sawn wafer with bumps, 18.5 pF tuning capacitor, 8-inch frame
SBN16/22 180
µm ± 15 µm sawn wafer with bumps, 18.5 pF tuning capacitor, 6-inch frame
A1T/ISOR ISO Copper Antenna on tape
A1S/ISOR ISO Copper Adhesive Antenna on tape
A2T/ISOK ISO Aluminium Antenna on tape
C40
Micromodule Antenna on Super 35mm tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com