Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI512 Datasheet(PDF) 32 Page - STMicroelectronics

Part # LRI512
Description  Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI512 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LRI512 Datasheet HTML 28Page - STMicroelectronics LRI512 Datasheet HTML 29Page - STMicroelectronics LRI512 Datasheet HTML 30Page - STMicroelectronics LRI512 Datasheet HTML 31Page - STMicroelectronics LRI512 Datasheet HTML 32Page - STMicroelectronics LRI512 Datasheet HTML 33Page - STMicroelectronics LRI512 Datasheet HTML 34Page - STMicroelectronics LRI512 Datasheet HTML 35Page - STMicroelectronics LRI512 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
LRI512
32/54
LOCK BLOCK
Command Code = 0x22
When receiving the Lock Block Command, the
LRI512 lock permanently the requested block. The
Option_Flag is not supported.
During the write cycle tW, no modulation (never
100% nor 10%) shall occur. If so, the LRI512 may
not lock correctly the memory block. The tW delay
is a multiple of t1nominal.
Request parameter (Table 31):
– (Optional) UID
– Block Number
Response parameter (Table 32):
– No parameter.
Response parameter (Table 33):
– Error Code as Error_Flag is set
Table 31. Lock Single Block Request Format
Table 32. Lock Block Response Format when Error Flag is NOT Set
Table 33. Lock Block Response Format when Error Flag is Set
Figure 36. LOCK Block Frame Exchange between VCD and LRI512
Request
SOF
Request
Flags
Lock Block
UID
Block
Number
CRC16
Request
EOF
8 bits
0x22
64 bits
8 bits
16 bits
Response SOF
Response_Flags
CRC16
Response EOF
8 bits
16 bits
Response SOF
Response_Flags
Error Code
CRC16
Response EOF
8 bits
8 bits
16 bits
AI06834
VCD
LRI512
LRI512
t1
EOF
SOF
EOF
SOF
Lock sequence when error
SOF
EOF
t1
tw
Lock Block
Request
Lock Block
Response
Lock Block
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com