Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 26Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 27Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 28Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 29Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 30Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 31Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 32Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 33Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
30
April 26, 2016
Figure 3.10 General timing of a byte transfer
TX_EN / SPI_CLK
SPI_EN_L
TX
/
MOSI
RX
/
MISO
7
6
5
4
3
2
1
0
MOSI sampling
COM channel state defined
by TX_EN, TX, RX
7
6
5
4
3
2
1
0
SPI operation starts here, COM
channel state is „latched“ with the
SPI_EN_L HL transition
SPI operation ends
here, COM channel
state defined by
TX_EN, TX, RX
SPI feature summary:
• The interface works in SPI-slave mode only
• The timing follows the scheme in Figure 3.10 which defines
▬ Clock Polarity CPOL = 1 (clock is idle high)
▬ Clock Phase CPHA = 1 (data captured with 2nd clock edge after SPI_EN_L went low; data are read on
clock’s rising edge and data are changed on a falling edge)
• Maximum clock frequency of the SPI_CLK shall not exceed 4 MHz for accessing the on-chip EEPROM and
10 MHz for other SPI accesses
• SPI clock duty cycle: 40…60%
• MSB will be transmitted first
• If access exceeds last byte, a wrap will NOT happen – the last byte will be written correctly, rest will be
disregarded
• Block write (access to more than one address location) is only supported for the configuration-register area
but not for the EEPROM area.
• Block read is supported for both the EEPROM and configuration-register area.
• During enabling the SPI (SPI_EN_L = low ) the input lines of the COM driver are latched, so the COM
driver does not change its output state while SPI is enabled.
The SPI telegram structure can be divided into three types of SPI accesses:
• READ: read access to register file or EEPROM, block access possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com