Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 61Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 62Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 63Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 64Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 65Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 66Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 67Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 68Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
65
April 26, 2016
5
Pin Configuration, Latch-Up and ESD Protection
5.1.
Pin Configuration and Latch-up Conditions
Table 5.1
Pin Configuration and Latch-Up Conditions
Pin
Name
1)
Description
Remarks
Usage
1) /
Connection
3)
Application Circuit Restrictions
and/or Remarks
11, 20
VDD (x2)
Positive external supply
voltage pins (HV
4))
Supply IN
Required/-
Both pins must be interconnected
using a low impedance wiring
14, 17
VSS (x2)
Negative external supply
voltage pins
Ground
Required/-
Both pins and the exposed die
paddle must be interconnected
using a low impedance wiring
n.a.
VSS
Exposed die paddle
Ground
Required
Requirements:
- to be connected to VSS
- cooling via’s underneath the die
paddle (refer to application note
from Amkor (refer to [4] in chapter
8)
24
RST_L
Reset Input
Digital IN
L-active
Required or
open/-
Pin tolerates 5V logic signals
15
PFD
Power Fail Detector
(sense input of the line-
fail detector)
Analog IN
Required/
VDD, LR_OUT or
VSS (Rev A
compatibility) or
Voltage divider
HV analog input pin, avoid long
wires in order to optimize the
EMC behavior
7
SPI_EN_L
SPI enable
Digital IN
L-active
Required/-
Pin tolerates 5V logic signals
8
INT_L
Overload indication
Digital OUT
L-active
Required or
open/-
9
WURQ_L
Wake up detect signal
Digital OUT
L-active
Required or
open/-
4
TX_EN/SPI_CLK COM driver enable
Digital IN
H-active
Required/-
Pin tolerates 5V logic signals
5
TX/MOSI
TX: Data input
MOSI: SPI IN
Digital IN
Required or
open/-
Pin tolerates 5V logic signals
6
RX/MISO
RX: Data output
MISO: SPI OUT
Digital OUT Required or
open/-
12
COM_I
COM driver IN
HV
4) IN
Required or
open/-
13
COM_O
COM driver OUT
HV
4) OUT
Required or
open/-
1
AUX_EN
AUX driver enable
Digital IN
H-active
Required/-
Pin tolerates 5V logic signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com