Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 31Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 32Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 33Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 34Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 35Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 36Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 37Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 38Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
35
April 26, 2016
As regards the access type to a particular register the following four types have been implemented:
1.
r/w
normal read/write
1
2.
r
read only
3.
r/rst
read only, clear by read
4.
w/pulse
writing to such type of registers causes a partial reset of certain IC functions which
correspond to the assigned bit of the write accessed register; reading is possible but will
return no useful information
In order to illustrate for instance the w/pulse type a write access to status register MON_RST_LOCK_WURQ shall
be explained. The bits of this register are assigned to
• the power fail event (bit 4) and
• the IO-Link specific wake-up request event (bit 3) and
• the COM/AUX driver over-current event (bit 2 and 1) and
• the over-temperature event (bit 0).
Writing the value 0x08 (MON_RST_WURQ = 1) to the register would cause a reset of the previously detected and
stored wake-up request. In doing so the to the IC interconnected µC acknowledges the occurred wake-up request
thus the IC is ready to detect the next wake-up request.
Table 3.7
Register Table
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
CONFIGURATION REGISTER
IRQ_ENABLE
0
7:0
255
r/w
Figure 3.14
0
IRQ_EN_POWER_FAIL
7
1
r/w
Power fail interrupt
enable
Added in
Rev B
0
IRQ_EN_WURQ
6
1
r/w
WURQ interrupt
enable
0
IRQ_EN_VALID_FLAG_ERR
5
1
r/w
Valid-flag error
interrupt enable
0
IRQ_EN_EEPROM_ERR
4
1
r/w
Single bit error
interrupt enable
0
IRQ_EN_EEPROM2_ERR
3
1
r/w
Multiple bit error
interrupt enable
0
IRQ_EN_LOCK_AUX
2
1
r/w
interrupt enable for
over-load lock of
AUX line driver
1 Note: IC versions ZIOL2xx2 do not allow any write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com