Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 7Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 8Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 9Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 10Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 11Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 12Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 13Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 14Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 26, 2016
Symbol
Parameter
Min
Typ
1)
Max
Unit
Conditions
Microcontroller Interface
9)
VLIH
Voltage range for input ”high”
level
2.5
5.5
V
@ VDD_LV = 3.6V, otherwise
VLIH-min = 0.7 ∗ VDD_LV
VLIL
Voltage range for input ”low” level
-0.3
0.9
V
@ VDD_LV = 3.0V, otherwise
VLIL-max = 0.3 ∗ VDD_LV
ILIH
Logic “high”
input current
@ pins without
pull-up/pull-down
resistors:
INT_L, WURQ_L
-1
1
µA
@ VLIH = VDD_LV
ILIL
Logic “low”
input current
-1
1
µA
@ VLIL = 0V
ILIH_PD
Logic “high”
input current
@ pins with pull-
down resistors:
TX_EN/SPI_CLK,
TX/MOSI,
AUX_EN,
AUX_TX,
DC_RDY
-300
-150
µA
@ VLIH = VDD_LV-max = 3.6V
@ VLIH = 5.5V, VDD_LV-max = 3.6V
ILIL_PD
Logic “low”
input current
-1
1
µA
@ VLIL = 0V, VDD_LV-max = 3.6V
@ VLIL = 0V, VDD_LV-max = 3.0V
ILIH_PU
Logic “high”
input current
@ pins with pull-
up resistors:
RST_L,
SPI_EN_L
-1
1
µA
@ VLIH-min = VDD_LV-max = 3.0V
@ VLIH-max = VDD_LV-max = 3.6V
ILIL_PU
Logic “low”
input current
-150
250
µA
@ VLIL = 0V, VDD_LV-max = 3.6V
@ VLIL = -0.3V, VDD_LV-max = 3.6V
VLOL
Logic “high”
output voltage
@ output pins:
RX/MISO,
AUX_RX
0
5
%
∗V
DD_LV
@ ILIL = 1mA
VLOH
Logic “high”
output voltage
95
100
%
∗V
DD_LV
@ ILIH = -1mA
Internal Current Consumption
10)
IVDD
Current into VDD
1.7
2.5
mA
SPI_EN=3.3V
ILR_IN
Current into LR_IN
2.2
3.4
mA
SPI_EN=3.3V
1)
The mentioned typical values of IC properties are provided for information only and shall not be considered as statistical
guaranteed mean values. Typical values are not subject for measurement while the electrical test of each IC – they are correct by
design.
2)
If the output current exceeds the configured current limit, the IC will raise an overload signal which causes up-counting of the
overload counter (if configured) and which definitely limits the output current. However, the current limit will be performed after a
certain settling time in order to ensure the configured slope of the output signal.
3)
Absolute edge rise and fall times are proportional to VDD_HV
4)
A minimum of the output current must be provided by the application circuit. Otherwise the DC/DC converter shall be unused by
interconnecting the FB pin with the LR_OUT pin. The required voltage divider (refer to Figure 3.21) may provide this current partly
or in full.
5)
Slew-rate measured after settlement time of the output signal
6)
Configurable with an external voltage divider (refer to chapter 3.5)
7)
The ripple on the output voltage depends significantly on both the external components and the PCB layout. Reference PCB
layouts are available from IDT. The layouts used in the application kits are shown in Figure 4.4; detailed layout data of the
application kits are available from IDT upon request.
8)
The efficiency of the DC/DC converter is depending on the external components and the used PCB layout. Moreover, there is an
influence from several operational conditions which is illustrated in the diagram of Figure 2.2
9)
Microcontroller interface pins are : RST_L, SPI_EN_L, INT_L, WURQ_L, TX_EN/SPI_CLK, TX/MOSI, RX/MISO, AUX_EN,
AUX_TX, AUX_RX, DC_RDY
10)
Current consumption is measured by applying the maximum supply voltage at the supply pins VDD and LR_IN (VVDD_HV=36V,
Vin=36V) and using a decoupling cap of 10µF between LR_OUT and ground. Both VDD and both VSS pins are interconnected,
respectively. Pins TX_EN/SPI_CLK, AUX_TX, TX_EN, AUX_EN, PFD, COM_I, AUX_I are connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com