Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 22Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 23Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 24Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 25Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 26Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 27Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 28Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 29Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
26
April 26, 2016
Figure 3.8
The Basic Scheme of the IC Self Protection
Channel
Driver
unlocked
Over-load /
Over-temp
Reg[20]
Peak Counter
Reg[21:25]
Overload
Counter
Stored
Exception
Reg[18]
INT_L
Lock Reset
(lock counter
elapsed)
Lock time
Assert time
Exception
(state signal)
Reg[20]
By „Read & Clear“ reset of
- Stored-Exception and
- Peak counter
Assert time expired,
exception causes
INT_L = 0 (if configured)
unlocked
locked (high-z)
monitored physical value exceeds the configured limit
overload counter
equals configured limit
time
time
time
time
time
time
INT_L follows
state signals
INT_L follows
stored exceptions
Any internal exception will be stored in status register[18]. This status register will be cleared by reading the
register but the appropriated bit will be set again (within the next cycle of the IC control circuit) if an exception is
still present.
A lock can be reset by using the build-in and configurable lock counter (defined in the associated configuration
registers). As shown in Figure 3.8 the lock reset will be performed when the lock time has been elapsed. The lock
counter is using the same clock as the associated overload counter(s). Alternatively a lock can be reset by
performing an write access to status register[16] (for more details refer to Appendix A).
Depending on the IC configuration the any exception or stored exception can cause the INT_L pin to logic low. As
shown in Figure 3.8 INT_L can follow the state signals (internal exceptions) or the stored exception which is also
depending on the IC configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com