Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 32Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 33Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 34Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 35Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 36Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 37Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 38Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 39Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
36
April 26, 2016
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
0
IRQ_EN_LOCK_COM
1
1
r/w
interrupt enable for
over-load lock of
COM line driver
0
IRQ_EN_LOCK_OVT
0
1
r/w
interrupt enable for
over-temperature
lock of both, AUX
and COM, line
drivers
COM_CTRL
1
7:0
0
r/w
IOLINK-control-
register
1
COM_DIG_FILTER
7
0
r/w
Enable digital RX-
Filter
1
COM_INV_SEND
6
0
r/w
invert receive and
send (implemented in
digital part)
1
COM_RATIO
5
0
r/w
Disables the receiver
IO-Link levels and
enables ratiometric
1
COM_COM3
4
0
r/w
COM3-Mode (slope-
control),
0: COM2
1: COM3
1
COM_NOEDGE
3
0
r/w
Disables Edge
control
1
COM_FILTER
2
0
r/w
Filter-enable
0=off / 1 = on
1
COM_LS_ON
1
0
r/w
LowSide-Driver
0=off / 1=on
1
COM_HS_ON
0
0
r/w
HighSide-Driver
0=off / 1=on
COM_PARAM
2
7:0
0
r/w
IOLINK-Control-
Parameters
2
COM_SINK_STRENGTH
7
0
r/w
Sink_strength
2
COM_PULLUP_EN
6
0
r/w
Pull-Up Enable for
COM-Channel
2
COM_PULLDOWN_EN
5
0
r/w
Pull-Down Enable for
COM-Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com