Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 84Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 85Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 86Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 87Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 88Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 89Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 90Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 91Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 92Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
88
April 26, 2016
Appendix B
ZIOL2xxx Configuration Techniques
The ZIOL2xxx allow various configurations to work optimal in several applications. Basically the ZIOL2xxx can be
configured to work in applications with or without µC.
Figure 10.6 Configuration Checker Report of the ZIOL2xxx Application Kit (Example)
Application Kit - ZIO2401 (c) ZMDI - V2.1, built 28.04.2011 10:06:42
(UTC)
ZIOL2211 Rev.B - Configuration Check
on: 29-Apr-2011 09:52:11
Number of Warnings: 1
Number of Errors: 1
IO-Link Wake-up (WURQ) Detection
WURQ detection is assigned to channel: COM
WURQ detection method:
- WURQ detection on current (overload)
- WURQ detection on antivalent levels
COM Channel Transmitter
Current Limit: 50 ... 65 mA
High-Side: enabled
Low-Side: enabled
Slew Rate Control: 10 V/µs
150k-Resistor usage: OFF
Signal inverter: OFF
COM Channel Receiver
Receiver logic input levels: absolute (IO-Link conform)
Analog filter: OFF
Digital filter: OFF
Signal inverter: OFF
Sink Mode: OFF
Sink strength: 2 ... 3 mA
COM channel protection settings
Assert time (persist overload during this period will lead to locked
driver): 0 ms
>>> Warning: zero assert time can lead to immediately locked driver!
Lock time (period after lock will be removed automatically): 100 ms
High-Side:
Overload and wake-up detection: enabled
Driver lock due to HS overload exceeds assert time: enabled
Low-Side:
Overload and wake-up detection: enabled
Driver lock due to LS overload exceeds assert time: enabled
AUX Channel Transmitter
Current Limit: 50 ... 65 mA
High-Side: enabled
Low-Side: enabled
Slew Rate Control: 10 V/µs
150k-Resistor usage: OFF
Signal inverter: OFF
AUX Channel Receiver
Receiver logic input levels: absolute (IO-Link conform)
Analog filter: OFF
Digital filter: OFF
Signal inverter: OFF
Sink Mode: OFF
Sink strength: 2 ... 3 mA
AUX channel protection settings
Assert time (persist overload during this period will
lead to locked driver): 50 ms
Lock time (period after lock will be removed
automatically): 0 ms
High-Side:
Overload and wake-up detection: enabled
Driver lock due to HS overload exceeds assert
time: enabled
Low-Side:
Overload and wake-up detection: enabled
Driver lock due to LS overload exceeds assert
time: enabled
Over-temperature protection settings
Over-temperature protection: enabled
Channel locking: enabled
Max. allowed die temperature: >>> Error: Multiple
or no temperature level selected
Assert time (persist over-temperature during this
period will lock both drivers): 100 ms
Lock time (period after lock will be removed
automatically): 200 ms
Power-Fail protection settings
Under-Voltage protection (channel locking):
disabled
Line-Fail protection (channel locking): disabled
Master/Device mode settings
IC Mode: Device Mode
Pin Configuration Settings
WURQ_L pin (IO-Link wake-up signaling):
push/pull
INT_L pin (for exception signaling settings refer
below): push/pull
DC_RDY pin: delay 50 ms
Exception Signaling
Interrupt (INT_L) will be active if one of the
following exceptions occurred:
- Both channels are locked due to Power-Fail
- Wake-up has been detected (WURQ)
- The EEPROM is corrupt (valid-latch error)
- There is a general EEPROM error
- There is a 2-bit EEPROM error
- The AUX channel is locked due to over-current
- The COM channel is locked due to over-current
- Both channels are locked due to over-
temperature
IRQ_Port (INT_L pin) follows: state signals
Configuration Register Summary
ConfigReg[0] = 0xFF
ConfigReg[1] = 0x03
ConfigReg[2] = 0x00
ConfigReg[3] = 0x03
ConfigReg[4] = 0x00
ConfigReg[5] = 0xC8
ConfigReg[6] = 0x64
ConfigReg[7] = 0x06
ConfigReg[8] = 0x64
ConfigReg[9] = 0x0F
ConfigReg[10] = 0x00
ConfigReg[11] = 0x3F
ConfigReg[12] = 0x32
ConfigReg[13] = 0x3F
ConfigReg[14] = 0xEB
ConfigReg[15] = 0x00
Summary Data Path Configuration
Recommendations as regards the optimal configuration of the IC are provided by IDT in application notes and
associated XML-Data-Files. Those XML-Data can be loaded into the IC using the also by IDT provided ZIOL2xxx
application kits. Moreover, the user interface program of the ZIOL2xxx application kit provides a “configuration
checker tool” which allows reviewing the IC configuration in a plain text report and which provides error and
warning messages in case of wrong or critical IC configurations as illustrated in Figure 10.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com