Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 39Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 40Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 41Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 42Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 43Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 44Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 45Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 46Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
43
April 26, 2016
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
20
MON_OVT_LOCK
5
0
r
Lock on COM + AUX
due to Over-
temperature
20
MON_STAT_AUX_HS_OVL
4
0
r
AUX-HighSide-OVL
20
MON_STAT_AUX_LS_OVL
3
0
r
AUX-LowSide-OVL
20
MON_STAT_COM_HS_OVL
2
0
r
COM-HighSide-OVL
20
MON_STAT_COM_LS_OVL
1
0
r
COM-LowSide-OVL
20
MON_STAT_OVT
0
0
r
Over-temperature
MON_COM_LS_PEAK
21
7:0
0
r/rst
Longest COM-LS-
Overload
MON_COM_HS_PEAK
22
7:0
0
r/rst
Longest COM-HS-
Overload
MON_AUX_LS_PEAK
23
7:0
0
r/rst
Longest AUX-LS-
Overload
MON_AUX_HS_PEAK
24
7:0
0
r/rst
Longest AUX-HS-
Overload
MON_OVT_PEAK
25
7:0
0
r/rst
Longest over-
temperature duration
MON_POW_DETECT
26
1:0
0
r/rst
Power Monitor
Added in
Rev B
26
RESERVED
7:2
0
r/rst
RESERVED
26
MON_LINE_FAULT
0
r/rst
Line fault occurred
26
MON_UNDER_VOLTAGE
0
r/rst
Under voltage
occurred
Manufacture Use Only
27:30
7:0
0
r
Read returns 0
PRODUCT_ID
31
7:0
ID
r
Allows to retrieve
product and revision
information
Added in
Rev B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com