Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 30Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 31Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 32Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 33Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 34Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 35Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 36Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 37Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
34
April 26, 2016
Figure 3.13 SPI Timing
1
SPI_CLK
SPI_EN_L
MOSI
MISO
address[7:0] w
shift[6:0]
data0[7:0]
datarepeat[7:0]
address[7:0]
signalByte[7:0]
shift[6:0]
dummy[7:0]
datarepeat[7:0]
datarepeat-1[7:0]
WRITE
READ
SPI_CLK
SPI_EN_L
MOSI
MISO
address[7:0]
r
shift[6:0]
data0[7:0]
datarepeat[7:0]
address[7:0]
signalByte[7:0]
shift[6:0]
SPI_CLK
SPI_EN_L
MOSI
MISO
address[7:0]
command[6:0]
address[7:0]
signalByte[7:0]
command[6:0]
dummy[7:0]
COMMAND
r/w
r/w
3.3.9.
Register Table / Registers for IC Configuration and Monitoring
The following Table 3.7 shows a summary of the configuration- and status registers of the ZIOL2xxx. The address
space from address 0 to 15 is implemented in both the register file area and the EEPROM area. Registers with
addresses greater than 15 (status registers) are implemented in the register file area only.
1 Note: IC versions ZIOL2xx2 do not allow any write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com