Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 80Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 81Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 82Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 83Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 84Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 85Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 86Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 87Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
84
April 26, 2016
Figure 10.3 Overload Counter Behavior in permanent Over-Temperature Situations
Channel
Driver
unlocked
Over-temperature
Reg[20]
Peak Counter
Reg[21:25]
Overload
Counter
Stored
Exception
Reg[18]
INT_L
Lock Reset has no effect
Assert time
Exception
(state signal)
Reg[20]
Assert time expired,
exception causes
INT_L = 0 (if configured)
locked
monitored temperature value exceeds the configured limit
overload counter equals
configured limit
time
time
time
time
time
time
Lock time
Read Acces of
Peak Counter
(via SPI)
MAX = 255
In this situation a lock reset due to an elapsed internal lock counter of the temperature lock control circuit (Figure
3.17) will not release the locks which are in effect on both channels. However, the locks can be released by
writing into register[16] (write pulse function).
In typical over-temperature situations the overload counter may reach a value that is greater as the configured
limit. This is due to the thermal inertia of the system since the temperature sensor and the thermal sources are not
on the same place on the silicon die. When the lock has been released, the there is a little difference in the
behavior when reading the peak register as shown in Figure 10.4. The peak register is loaded with the overload
counter value again as long the over-temperature situation is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com