Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 57Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 58Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 59Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 60Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 61Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 62Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 63Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 64Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
61
April 26, 2016
feature (refer to chapter 3.5). In case the line fail feature is intended to be use the PFD shall be connected to a
voltage divider as described in chapter 3.5 or illustrated in Figure 4.3.
Figure 4.2
Simplified Application Circuit with the ZIOL2xxx in Master Mode
µC
GND
Vcc
ZIOL2401
AUX_EN
AUX_TX
WURQ
RX
TX
TX_EN
INT_L
RST_L
PFD
SW
FB
VDD
COM_O
VSS
LR_IN
LR_OUT
COM_I
AUX_O
Standard
Cable
Master Port
C1
C3
C5
C4
D6
D5
DC_RDY
L+
L-
C/Q
D7
D4
AUX_I
AUX_RX
C2
5V
24V
In case of (IO-Link) device applications the IC might be powered not correctly via the L+/L- line. The circuit in
Figure 4.3 illustrates how to detect this power fail situation by using a voltage divider as “sensor”. Since the
voltage at the PFD pin is compared with an internal voltage divider resistors with low tolerace range (<= 1%) shall
be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com