Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 36Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 37Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 38Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 39Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 40Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 41Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 42Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 43Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
40
April 26, 2016
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
detected via over-
current activity
AUX_ASSERT_TIME
12
7:0
50
r/w
AUX-Overload: time
until lock is asserted
Figure 3.17
AUX_MON_CTRL
13
6:0
63
r/w
Figure 3.17
13
AUX_OVL_TBASE
6:5
1
r/w
AUX-Overload: time
base
13
AUX_LOCK_TIME_RST
4
1
r/w
AUX-Overload: reset
lock (also) time
based
13
AUX_HS_LOCK_EN
3
1
r/w
AUX-Overload:
enable HighSide-lock
13
AUX_LS_LOCK_EN
2
1
r/w
AUX-Overload:
enable LowSide-lock
13
AUX_OVL_HS_EN
1
1
r/w
AUX-Overload:
enable HighSide-
control, to be set if
wake-up shell be
detected via over-
current activity
13
AUX_OVL_LS_EN
0
1
r/w
AUX-Overload:
enable LowSide-
control, to be set if
wake-up shell be
detected via over-
current activity
IRQ_WURQ_CTRL
14
7:0
35
r/w
Figure 3.14
14
IRQ_PAD_MODE
7
0
r/w
IRQ_PAD_MODE:
0 = open-drain /
1 = push-pull
14
WURQ_PAD_MODE
6
0
r/w
WURQ_PAD_MODE:
0 = open-drain /
1 = push-pull
14
DCDC_READY_DELAY
5
1
r/w
DCDC-Ready-delay-
enable / 0 = No delay
/ 1 = delay 50 ms
14
BOTH_CHANNEL_LOCK
4
0
r/w
lock only, when both
channel are in OVL-
alarm
Recommended to be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com