Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 23Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 24Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 25Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 26Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 27Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 28Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 29Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 30Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
27
April 26, 2016
3.3.6.
Channel Locking in Master/Device Mode
There are three independent lock mechanisms implemented. For each channel (COM and AUX) a separate lock
can be generated if an over-current at the high side or low side switch has occurred. Therefore it is implied that for
the considered switch a current limit had been configured. The third lock mechanism which is affecting both
channels is related to over-temperature situations.
As regards the IC operation as IO-Link master or device PHY (master/device mode, refer to chapter 3.3.2) the
lock mechanisms of both channels are really separated or coordinated as following described:
Master
1 mode (COM and AUX driver work in parallel – Tandem Mode):
• Assumed that both channels (COM and AUX) are enabled and the configuration flag
BOTH_CHANNEL_LOCK (register[14]) is set (=1), both HS or both LS driver of both channels need to be
overloaded simultaneously for longer as a configured time in order to generate an IC-internal overload
exception which is indicated at the INT_L pin (logic low).
• In the case the IC works in tandem mode and the configuration flag BOTH_CHANNEL_LOCK (register 14)
is set (=1), but only one of the channels (COM or AUX) is enabled, the protection of the enabled channel is
performed analogous to the device mode.
• If single HS or a single LS driver is disabled, then its overload signal is not needed to create a general
overload signal, in that case just the other (enabled) HS or LS driver can generate the overload exception.
• If the die temperature exceeds the configured limit thus a temperature overload exception is detected, the
IC locks both channels and signals and according to the IC’s configuration an interrupt can be signaled at
the INT_L pin.
Device mode:
• Any single overloaded HS or LS driver of the COM or AUX channel leads to a lock and an interrupt
signaling (INT_L pin) according to the configuration of the IC.
• If the die temperature exceeds the configured limit thus a temperature overload exception is detected, the
IC locks both driver channels and signals and according to the IC’s configuration an interrupt is signaled at
the INT_L pin.
• If both drivers are configured parallel, the interrupt behavior equals the master mode
The lock mode is associated with IC-internal exceptions that are signaled to the interconnected µC as an interrupt.
The details for building and clearing an exception are described in the chapter 3.3.10 which deals with the
interrupt handling and lock mode operation.
3.3.7.
Memory Unit
The memory unit of the IC provides several IC configuration options. Those configuration options define the
properties of the Ics driver channels and define the IC monitoring and protection functions with respect to the
over-current and over-temperature handling.
1 Not applicable for the IC versions ZIOL22xx/21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com