Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 49Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 50Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 51Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 52Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 53Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 54Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 55Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 56Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
53
April 26, 2016
3.5.
The Power Fail Detector
3.5.1.
Overview
The Power-Fail detector function is split into two tasks. The first task is the “Line-Fault” (LF) detection which shall
recognize a situation in which the ZIOL2xxx is not powered regularly. This situation can happen if for instance the
wiring between device and host port is not performed in the right way (interchanged wires, broken wires).
The second task is the “Under-Voltage” (UV) detector which monitors the supply voltage at the VDD pin of the
ZIOL2xxx. The purpose of this detector is ensure a proper working of the HV drivers COM and AUX which is not
guaranteed if the supply voltage at VDD drops below the allowed minimum value.
Figure 3.20 illustrated the working principle of both the LF and the UV detector in combination with the further
processing to the detected events (LINE_FAULT and UNDER_VOLTAGE). Based on the IC configuration
(LF_ENABLE, UV_ENABLE flags) each event (or both events) may activate the lock for both channels exactly for
the period the respective event is present. The new status register [26] allows diagnosing what event is present or
was present in the past.
Figure 3.20 PFD Working Principle
VDD
VSS
Standard
Cable
C5
D2
D3
L+
L-
R3
R4
PFD
(previously M_EN
)
Status
reg[18]
Bit7
LF_ENABLE
Config.reg[9][6]
COM/AUX OFF
(tristate)
Same reaction as
caused by OVT
Window
comparator
Vupper_bound
Vlower_bound
ZIOL2401B
49.9k
(1%)
210k
(1%)
Vsense
Ra
Rb
Rc
Rd
Re
comparator
Vref
LOCK_PF
Status
reg[26]
Bit0
Bit1
UNDER_VOLTAGE
LINE_FAULT
Analog circuitry
Digital circuitry
UV_ENABLE
Config.reg[9][5]
Clear by
Read (r/rst)
10
ms
1
ms
Anti-
Bouncing
Filter
Anti-
Bouncing
Filter
AND
AND
OR
3.5.2.
Line-Fault Detector
The Line-Fault (LF) detection feature assumes the utilization of both channels in device mode. In the case one
channel is used only, the number of detectable failures be reduced accordingly. For more information about
detectable failures, please refer to the Appendix C.
The optional (configurable) detection of the situation of an abnormal power supply of the IC will be achieved by a
ratiometric working voltage sensor. As sensor input works the PFD pin (formerly M_EN) in combination with two



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com