Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 16Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 17Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 18Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 19Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 20Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 21Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 22Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 23Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
20
April 26, 2016
Table 3.2
Driver configurations
Parameter
Config.-Register
Reg.-
Addr.
Bit-
Field
Ranges & Coding
Unit
Remarks
1)
COM and AUX driver
output current limitation
COM_PARAM,
AUX_PARAM
2
4
4:2
0b000:
50
0b010:
100
0b100:
200
0b110:
250
0bxx1:
limitation off
2)
mA
mA
mA
mA
IC in Device mode: both
drivers work independently
Combined driver output
current limitation
COM_PARAM,
AUX_PARAM
2
4
4:2
0b000:
100
0b010:
200
0b100:
400
0b110:
500
0bxx1:
limitation off
2)
mA
mA
mA
mA
IC in Master mode: both
drivers work in parallel
Both drivers shall be set to
identical driver capability.
Slew Rate Control
COM_CTRL,
AUX_CTRL
1
3
4:3
0b00:
10
0b10:
60
0b01:
slow
control off
0b11:
fast
control off
V/µs
V/µs
Limitation of maximal edge
steepness.
Limitation turned off!
Limitation turned off!
Output characteristic
COM_CTRL,
AUX_CTRL
1
3
1:0
0b00:
off
0b01:
pull
0b10:
push
0b11:
push+pull
Overload time base –
COM, AUX
COM_MON_CTRL,
AUX_MON_CTRL
11
13
6:5
0b00:
0.2
0b01:
1000
0b10:
8000
0b11:
16000
µs
Defines the clock
frequency for COM/AUX
overload counters
Overload counter
compare value – COM,
AUX
COM_ASSERT_TIME,
AUX_ASSERT_TIME
10
12
7:0
Byte
If overload counter value
equals compare value an
overload will be asserted
Pull up/down enable –
COM, AUX
COM_PARAM,
AUX_PARAM
2
4
6:5
Bit 6:
pull-up
Bit 5:
pull-down
Enables resistor of typical
150kOhms
1) For a summary of all configuration registers, please refer to Table 3.7.
2) Not recommended due to chance of overheating
3.2.3.
Receiver
3.2.3.1.
General Functionality
In principle, the ZIOL2xxx IC family has two
1 identical input channels with a configurable feature set. The input
threshold levels can be set ratiometric or absolute. The absolute values are compatible with definition of Type 1
digital inputs in IEC61131-2 and conform to the IO-Link specification. The ratiometric levels
2 are proportional to
the HV power supply voltage. The ratiometric level configuration allows the input channels to function down to a
1 Note: The IC versions ZIOL22xx/21xx have only one receiver.
2 Note: Ripple on the supply voltage may have influence to the trip-point of the input stage. Another influence to be considered is that an
enabled analog input filter is reducing the ripple on the on the received signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com