Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 14Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 15Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 16Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 17Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 18Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 19Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 20Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 21Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
18
April 26, 2016
3.2.2.
Transmitter
3.2.2.1.
General functionality
The IC versions ZIOL24xx consists of two
1 independent driver stages. Each driver (COM/AUX) is configurable as
regards the parameter
• Output current limitation
• Output slew rate
• Driver function (push, pull, pull ups/downs)
Several Modes of operation are supported – as independent or as combined driver outputs.
3.2.2.2.
Modes of operation (IO-Link specific Operation)
Operating both on-chip drivers independently or in parallel ensures the IC utilization in a wide range of
applications. An example can be the different requirements of driver capability in master or device mode regarding
the IO-Link specification (refer also to chapter 3.3.2). Both modes are supported by the ZIOL2xxx Ics. The active
mode is defined in the configuration register [7] bit 7. The chosen mode influences the IC’s driver behavior as well
as the handling of overload exceptions. Both input channels do not depend on the operational mode.
In master mode
2 the data inputs (TX) of both drivers are connected internally. As regards their functionality both
drivers work in parallel. Therefore, the driver outputs have to be interconnected externally in master mode.
In device mode both drivers are working independently. A respective current overload signal will be generated if
at one or at both drivers the output current exceeds the set current limit for longer than the configured amount of
time.
Figure 3.5 shows a simplified application circuit including ZIOL24xx Ics in device and in master mode,
respectively. Although both drivers are controlled by the same “TX” signal in master mode, the driver strength can
be influenced with the COM_EN and AUX_EN signal thus the resulting driver strength can be reduced in this
mode.
Starting with Rev B of the IC the MASTER_MODE flag (configuration register MASTER_SENS_CTRL[7] replaces
the formerly used control via an input pin. Summarizing the above, the MASTER_MODE flag controls:
• The Data path; it controls whether both channels use an individual or common TX signal
• The current sinks at the receiver’s inputs in the IO-Link sink mode (refer to Table 3.4)
For more information about the data path configuration of the IC in device and in mode master, please refer to
chapter 3.2.1.
1 Note: The IC versions ZIOL22xx/21xx have just one channel. With respect to those IC versions the statements concerning the existence of
two channels shall be ignored or interpreted analogously.
2 Not applicable for the IC versions ZIOL22xx/21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com