Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 10Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 11Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 12Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 13Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 14Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 15Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 16Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 17Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
14
April 26, 2016
3.2.
Dual Channel Transceiver
3.2.1.
IC Data Path Configuration
The ZIOL2xxx ICs contains one (ZIOL22xx/21xx) or two (ZIOL24xx) transceiver channels. The channels inside
the product versions with two channels can work independently in the “Dual Mode” or coordinated in “Tandem
Mode”. The data path of the ZIOL24xx Ics is illustrated in Figure 3.2. Both channels, which are designed
identically, are widely configurable. Due to configuration and the range of supported supply voltages the Ics can
be used in a broad field of applications. Example applications can be level shifter for standard sensor applications
or driver for resistive, capacitive or inductive loads.
Figure 3.2
ZIOL24xx Transceiver Data Path in Principle
Device
Legend:
AF:
Analog Filter (on/off configurable)
CS:
Current Sink (on/off/strength configurable)
DF:
Digital Filter (on/off configurable)
I1, I2:
Transmit/Receive Data Inverter (on/off configurable)
L:
Data Latch, stores channel transmit status
SPI:
Serial Peripheral Interface
Analog Block
Digital Block
AUX
AF
AUX_I
AUX_O
TX_EN/
SPI_CLK
TX/
MOSI
RX/
MISO
COM_O
COM_I
AUX_TX
AUX_EN
AUX_RX
AF
Dual channel
transceiver
COM
SPI
SPI_EN_L
DF
I2
CLK
I1
Device
DF
I2
I1
CS
CS
ZIOL24xx Data Path
RST_L
INT_L
WURQ_L
Control
MOSI
MISO
L
L
Conf.Reg[7][7:5]
S0
S1
S2
S3
A
A
B
B
B
A
B
A
A
C
EN
EN
TX
TX
RX
RX
OUT
IN
OUT
IN
Maximum driver capability of minimum 500mA can be achieved by combining both drivers. In this case the drivers
work in parallel (Tandem Mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com