Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 43Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 44Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 45Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 46Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 47Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 48Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 49Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 50Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
47
April 26, 2016
Figure 3.16 AUX Channel Lock Control
1
Low side
stage
Overload
Counter
AUX_LS
(8bit)
Comparator
8
Peak values
8
High side
stage
Overload
Counter
AUX_HS
(8bit)
8
AND
count
AUX_HS_OVL
AND
count
AUX_LS_OVL
Counter == Assert_time
Counter == Assert_time
AND
AND
OR
8
Comparator
Lock counter
AUX_LOCK_TIME
AUX_LOCK_TIME [15]
>C<
0
7
bit
reset
1
6
5
4
3
2
1
1
1
1
1
0
1
0
r / w
COM-Channel
8
set
clear
8
Peak values
To register IRQ_STATUS
Enables time based lock reset
AUX_OVL_TIME_BASE
[6:5]
0b00: 200 ns
0b01:
1 ms
0b10:
8 ms
0b11: 16 ms
2
rst
1
1
2
Overload Counter
Count-up:
if input signal count ==1
Count-down:
if input signal count == 0
- no overrun
- no underrun
Counter reset with
- write access to
MON_RST_COUNTER [17]
Data = 0bxxx1xxxx
- 0à1 transition of
AUX_OVL_HS_EN
Counter reset with
- write access to
MON_RST_COUNTER [17]
Data = 0bxxxx1xxx
- 0à1 transition of
AUX_OVL_LS_EN
From AUX_LS overload
detector
From AUX_HS overload
detector
SPI
rst
2
SPI
AUX_ASSERT_TIME
AUX_ASSERT_TIME [12]
>C<
0
7
bit
reset
1
6
5
4
3
2
1
1
1
1
1
0
1
0
r / w
AUX_OVL_LS_EN
AUX_OVL_HS_EN
AUX_LS_LOCK_EN
AUX_HS_LOCK_EN
AUX_LOCK_TIME_RST
AUX_OVL_TBASE
reseved
AUX_MON_CTRL [13]
>C<
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / w
MOM_AUX_HS_PEAK
MON_AUX_HS_PEAK [24]
>S<
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / rst
MOM_AUX_LS_PEAK
MON_AUX_LS_PEAK [23]
>S<
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / rst
Driver OFF
AND
1 The AUX transmitter is only available inside the products ZIOL24xx/21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com