Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 3Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 4Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 5Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 6Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 7Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 8Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 9Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 10Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
7
April 26, 2016
2.2.
Operating Conditions
Table 2.2
Operating Conditions
Symbol
Parameter
Min
Typ
1)
Max
Unit
Conditions
VDD_HV
Supply voltage
8.0
24
36
V
Vin
Linear regulator input voltage
4.75
36
V
LR_IN can be connected to VDD_HV or
DC/DC output voltage.
VDD_LV
Linear regulator output voltage
3.0
3.3
3.6
V
Voltage LR_OUT
 GND pin
Iout
Linear regulator output current
10
mA
LR_OUT provides supply current for
external applications.
2)
tstartup
Startup timing @ VDD_HV = 8V
5
ms
Time for system start up including
loading of configuration registers
from EEPROM
Tamb
Operating ambient temperature
-40
+85
°C
fosc
Internal oscillator frequency
4.5
5.5
MHz
Internal clock is not available
externally. All digital circuit timing
parameters of the IC are derived
from the internal clock.
1) The mentioned typical values of IC properties are provided for information only.
2) While start-up (until the voltage at LR_OUT has reached 1V) the output current may be limited to 5mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com