Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 53Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 54Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 55Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 56Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 57Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 58Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 59Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 60Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
57
April 26, 2016
Figure 3.22 DC/DC Converter Output Voltage as Function of R1 (R2 = 10kOhms)
3,00
4,00
5,00
6,00
7,00
8,00
9,00
10,00
11,00
12,00
13,00
14,00
15,00
10
20
30
40
50
60
70
80
90
100 110
120 130
R1 /kOhms
Min
Max
The inductor stores energy when the output transistor is conducting and releases the energy if the transistor is
switched off. For most applications a 10µH inductor is sufficient. To reduce the electromagnetic interference or to
reduce the ripple voltage of the output voltage, the required inductance is calculated by
min
,
,
max
,
_
,
min
2
1
OUT
Sw
set
OUT
HV
DD
set
OUT
I
f
V
V
V
L
⋅
⋅
⋅
−
>
,
where IOUT,min is the lowest output current, VDD_HV,max is the highest input voltage and fSw is the switching frequency
of the DC/DC converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com