Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 73Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 74Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 75Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 76Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 77Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 78Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 79Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 80Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
77
April 26, 2016
9
Glossary
9.1.
Terms and Abbreviations
Term
Description
AUX
Auxiliary communication channel of the IC ZIOL2xxx
COM
Default communication channel of the IC ZIOL2xxx
COM1
IO-Link specific communication channel speed
COM2
IO-Link specific communication channel speed
COM3
IO-Link specific communication channel speed
CSP
Chip Scale Package
HS
High-side, meant is the high side switch of a driver channel (push function)
LS
Low-side, meant is the low side switch of a driver channel (pull function)
OVL
Overload (current or temperature) exception
OVL_HS
Current overload exception at HS
OVL_LS
Current overload exception at LS
OVT
Over-temperature exception
PFD
Power fail detection
PHY
Physical Layer Transceiver
9.2.
Symbols used in this Datasheet
Symbol
Description
XXyy
Physical value (physical variable) as used in operation conditions, IC parameters and functional
descriptions
XX_YY_L
Digital I/O low active IC Pin
XX_YY
Any other IC Pin (analog, supply or digital I/O high active IC Pin)
XX_YY[nn]
Register names, nn = address
Selected
examples for
physical values:
VDD_HV
Primary IC supply voltage of nominal 24V (called High_voltage) = Cable supply voltage
VDD_LV
Secondary supply voltage for all analog and digital building blocks of the IC of nominal 3.3V. VDD_LV
is equivalent to the supply voltage provided by the internal linear regulator. It can also be used to
supply external electronic circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com