Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 37Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 38Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 39Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 40Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 41Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 42Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 43Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 44Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
41
April 26, 2016
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
set (=1) in tandem
mode
14
IRQ_NOREG
3
0
r/w
0 = IRQ-Port follows
state-reg / 1 = IRQ
follows state-signals
14
WURQSOURCE
2
0
r/w
Source for WURQ-
detection 0 = COM /
1 = AUX
14
WURQDETECT_CURRENT
1
1
r/w
WURQ detection on
current (overload)
14
WURQDETECT_LVL
0
1
r/w
WURQ detection on
levels (can be
combined with
current)
AUX_LOCK_TIME
15
7:0
100
r/w
Overload: time until
Lock is released
Added in
Rev B
STATUS REGISTER
MON_RST_LOCK_WURQ
16
4:0
0
w/pulse
Figure 3.14
16
MON_RST_POWER_FAIL
4
0
w/pulse
Reset for power fail
due to line-fault or
under-voltage
Added in
Rev B
16
MON_RST_WURQ
3
0
w/pulse
Reset for Wake Up
Request
16
MON_RST_AUX_LOCK
2
0
w/pulse
Reset for Channel 2
Lock
16
MON_RST_COM_LOCK
1
0
w/pulse
Reset for Channel 1
Lock
16
MON_RST_OVT_LOCK
0
0
w/pulse
Reset for
Temperature Lock
MON_RST_COUNTER
17
0
17
MON_RST_AUX_HS
4
0
w/pulse
Reset Channel2
OVL-HS-Counter
17
MON_RST_AUX_LS
3
0
w/pulse
Reset Channel2
OVL-LS-Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com